Part Number Hot Search : 
3043X TMS320 RLPBF M3100 LTC32201 30H100C 30H100C S1MLS
Product Description
Full Text Search
 

To Download MBR850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
MBR830 - - - MBR8100
VOLTAGE RANGE: 30 - 100 V CURRENT: 8.0 A
SCHOTTKY BARRIER RECTIFIER
High s urge capacity. For us e in low voltage, high frequency inverters , free 111wheeling, and polarity protection applications . Metal s ilicon junction, m ajority carrier conduction. High current capacity, low forward voltage drop. Guard ring for over voltage protection.
TO-220AC
MECHANICAL DATA
Cas e:JEDEC TO-220AC,m olded plas tic body Term inals :Leads, s olderable per MIL-STD-750, 11 Method 2026 Polarity: As m arked Pos ition: Any Weight: 0.064 ounces,1.81 gram
mm
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
MBR 830
Maximum recurrent peak reverse voltage Maximum RMS V oltage Maximum DC blocking voltage Maximum average forw ard total device11111111 m rectified current @TC = 125C Peak forw ard surge current 8.3ms single half b sine-w ave superimposed on rated load Maximum forw ard voltage (Note 1) (IF=8.0A ,TC=125 ) (I F=8.0A,TC=25 (IF=16A ,TC=25 ) )
MBR 835
35 25 35
MBR 840
40 28 40
MBR 845
45 32 45 8.0
MBR 850
50 35 50
MBR 860
60 42 60
MBR MBR 880 8100
80 56 80 100 70 100
UNITS
V V V A A
V RRM V RMS V DC IF(AV) IFSM
30 21 30
150 0.57 0.70 0.80 0.95 0.1 15 3.0 - 55 ---- + 150 - 55 ---- + 150 0.85 0.5
VF
0.70 0.84
V
Maximum reverse current at rated DC blocking voltage
@TC =25 @TC =125
IR RJC TJ TSTG
mA 50 K/W
Maximum thermal resistance (Note 2) Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test:300s pulse width,1% duty cy cle. 2. Thermal resistance f rom junction to case.
www.galaxycn.com
Document Number 0266039
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
MBR830 - - - MBR8100
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PERLEG
175
10
AVERAGE FORWARD CURRENT,AMPERES
Resistive or inductive Load
PEAK FORWARD SURGE CURRENT,AMPERES
150 125 100 75 50 25
TJ=TJmax. 8.3ms Single Half Sine Wave (JEDEC Method)
8 6 4 2 0 0
50
100
150
1
10
100
CASE TEMPERATURE
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC PERLEG 11111v INSTANTANEOUS FORWARD CURRENT,AMPERES
50
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT,MILL AMPERES
40 10
TC=125
10
TC=125ae
Pulse width=300 1% Duty Cycle
s
1
TC=25ae
1
0.1
0.1
0.01
MBR830-MBR860 MBR880-MBR8100
TC=25
0.01 0
MBR830-MBR845 MBR850-MBR860 MBR880-MBR8100
0.001 0
20
40
60
80
100
.1 .2
.3 .4 .5 .6
.7 .8 .9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
www.galaxycn.com
Document Number 0266039
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of MBR850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X